Electronic Components Datasheet Search
  English  ▼

X  

B5064 Datasheet(PDF) 3 Page - EPCOS

Part # B5064
Description  SAW Rx filter WCDMA Band I
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5064 Datasheet(HTML) 3 Page - EPCOS

  B5064 Datasheet HTML 1Page - EPCOS B5064 Datasheet HTML 2Page - EPCOS B5064 Datasheet HTML 3Page - EPCOS B5064 Datasheet HTML 4Page - EPCOS B5064 Datasheet HTML 5Page - EPCOS B5064 Datasheet HTML 6Page - EPCOS B5064 Datasheet HTML 7Page - EPCOS B5064 Datasheet HTML 8Page - EPCOS B5064 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
March 05, 2009
B5064
1950.0 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
–30 ˚C to +85˚C
Terminating source impedance:
ZS =50 Ω unbal
Terminating load impedance:
ZL =50 Ω unbal with matching network.
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1950.0
—
MHz
Maximum insertion attenuation
α
max
1920.0MHz ... 1980.0MHz
—
2.4
2.81)
1) 2.6dB at 25 ˚C
dB
Amplitude ripple (p-p)
∆α
1920.0MHz ... 1980.0MHz
—
0.7
1.12)
2) 0.9dB at 25 ˚C
dB
Input VSWR
1920.0MHz ... 1980.0MHz
—
1.6
1.8
Output VSWR
1920.0MHz ... 1980.0MHz
—
1.6
1.8
Attenuation
α
0.1
... 1600.0
MHz
35.0
38.0
—
dB
1600.0
... 1818.0
MHz
28.0
30.0
—
dB
1818.0
... 1876.0
MHz
18.0
22.0
—
dB
1876.0
... 1890.0
MHz
8.0
12.0
—
dB
2010.0
... 2050.0
MHz
10.0
20.0
—
dB
2050.0
... 2110.0
MHz
15.0
20.0
—
dB
2110.0
... 2170.0
MHz
20.0
25.0
—
dB
2170.0
... 3500.0
MHz
24.0
26.0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com