Electronic Components Datasheet Search
  English  ▼

X  

PCF8531 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8531
Description  34 x 128 pixel matrix driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8531 Datasheet HTML 21Page - NXP Semiconductors PCF8531 Datasheet HTML 22Page - NXP Semiconductors PCF8531 Datasheet HTML 23Page - NXP Semiconductors PCF8531 Datasheet HTML 24Page - NXP Semiconductors PCF8531 Datasheet HTML 25Page - NXP Semiconductors PCF8531 Datasheet HTML 26Page - NXP Semiconductors PCF8531 Datasheet HTML 27Page - NXP Semiconductors PCF8531 Datasheet HTML 28Page - NXP Semiconductors PCF8531 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 10 August 2010
25 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
Linear temperature compensation is supported in the PCF8531. The temperature
coefficient of VLCD can be selected from eight values by setting bits TC[2:0] (see
Table 13).
Fig 13. VLCD as a function of liquid crystal temperature
mgs473
T
VLCD
0
°C
Table 11.
Instruction set
Instruction
I2C-bus
command[1]
I2C-bus command byte
Description
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
H1 and H0 = don’t care (H independent command page)
NOP
00000
00000no operation
write data
1
0
D7D6D5
D4D3D2D1
D0write data to
display RAM
set default H[1:0]
00000
00001select H[1:0] = 0
H1 = 0 and H0 = 0 (function and RAM command page)
instruction set
0
0
0
0
0
0
1
0
H1
H0
select command
page
function set
0
0
0
0
1
0
0
PD
V
0
power-down
control; entry
mode
set Y address of
RAM
0
0
0
1
0
0
0
Y2
Y1
Y0
Set Y address of
RAM; 0
≤ Y ≤ 5
set X address of
RAM
0
0
1
X6
X5
X4
X3
X2
X1
X0
Set X address of
RAM; 0
≤ X ≤ 127
H1 = 0 and H0 = 1 (display setting command page)
multiplex rate
0
0
0
0
0
0
0
1
M1
M0
set multiplex rate
display control
0
0
0
0
0
0
1
D
IM
E
set display
configuration
bias system
0
0
0
0
0
1
0
BS2
BS1
BS0
set bias system
(BSx)
H1 = 1 and H0 = 0 (HV-gen command page)
HV-gen control
00000
001PRS
HVE
set VLCD
programming
range
HV-gen
configuration
00000
010S1
S0
set voltage
multiplication
factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com