Electronic Components Datasheet Search
  English  ▼

X  

SW003A0A Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # SW003A0A
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A0A Datasheet(HTML) 2 Page - Lineage Power Corporation

  SW003A0A Datasheet HTML 1Page - Lineage Power Corporation SW003A0A Datasheet HTML 2Page - Lineage Power Corporation SW003A0A Datasheet HTML 3Page - Lineage Power Corporation SW003A0A Datasheet HTML 4Page - Lineage Power Corporation SW003A0A Datasheet HTML 5Page - Lineage Power Corporation SW003A0A Datasheet HTML 6Page - Lineage Power Corporation SW003A0A Datasheet HTML 7Page - Lineage Power Corporation SW003A0A Datasheet HTML 8Page - Lineage Power Corporation SW003A0A Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage (Continuous)
SW
VIN
-0.3
80
Vdc
SC
VIN
-0.3
50
Transient (100ms)
All
VIN, trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
⎯
⎯
2250
Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
SW
VIN
36
54
75
Vdc
SC
VIN
18
27
36
Vdc
Maximum Input Current (VIN=0V to 75V, IO=IO, max)
SW
IIN,max
0.6
Adc
(VIN=0V to 36V, IO=IO, max)
SC
IIN,max
1.2
Adc
Inrush Transient
All
I
2t
0.05
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to
75V, IO= IOmax ; see Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
50
dB
EMC, EN55022
See EMC Considerations section
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being
part of complex power architecture. To preserve maximum flexibility, internal fusing is not included; however, to
achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a fast-
acting fuse with a maximum rating of 3A (see Safety Considerations section). Based on the information provided in
this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be
used. Refer to the fuse manufacturer’s data sheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com