Electronic Components Datasheet Search
  English  ▼

X  

SW003A0A Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # SW003A0A
Description  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A0A Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button SW003A0A Datasheet HTML 3Page - Lineage Power Corporation SW003A0A Datasheet HTML 4Page - Lineage Power Corporation SW003A0A Datasheet HTML 5Page - Lineage Power Corporation SW003A0A Datasheet HTML 6Page - Lineage Power Corporation SW003A0A Datasheet HTML 7Page - Lineage Power Corporation SW003A0A Datasheet HTML 8Page - Lineage Power Corporation SW003A0A Datasheet HTML 9Page - Lineage Power Corporation SW003A0A Datasheet HTML 10Page - Lineage Power Corporation SW003A0A Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
7
Characteristic Curves (continued)
The following figures provide typical characteristics for the SW001A2B91 (12.0V, 1.2A) at 25ºC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VI = 36V
VI = 54V
VI = 75V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 7. Converter Efficiency Vs Load at Vo= 12 V.
Figure 10. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
10
20
3040
5060
7080
90
100
110
3.0 m/s (600 ft./min.)
2.0 m/s (400 ft./min.)
1.0 m/s (200 ft./min.)
Natural Convection
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 8. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 11. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (100
μs/div)
Figure 9. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 12. Typical Start-Up Output Voltage Rise
Characteristic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com