Electronic Components Datasheet Search
  English  ▼

X  

KMA199 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KMA199
Description  Programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KMA199 Datasheet HTML 17Page - NXP Semiconductors KMA199 Datasheet HTML 18Page - NXP Semiconductors KMA199 Datasheet HTML 19Page - NXP Semiconductors KMA199 Datasheet HTML 20Page - NXP Semiconductors KMA199 Datasheet HTML 21Page - NXP Semiconductors KMA199 Datasheet HTML 22Page - NXP Semiconductors KMA199 Datasheet HTML 23Page - NXP Semiconductors KMA199 Datasheet HTML 24Page - NXP Semiconductors KMA199 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
KMA199_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2010
21 of 36
NXP Semiconductors
KMA199
Programmable angle sensor
13.3.3 Entering the command mode
After a power-on reset, the sensor provides a time slot tcmd(ent) for entering the command
mode. A specific command sequence has to be send (see Figure 17). If command mode
is not entered, the sensor starts in the normal operating mode. However the signature can
be written by the master, if the sensor switches to diagnostic mode.
During the command mode sequence, the analog output is enabled. The external
programming hardware has to overdrive the output with the current Iod. If command mode
is activated, the analog output is disabled and pin OUT/DATA operates as a digital
interface.
13.4 Cyclic redundancy check
As already mentioned in Section 7, there is an 8-bit checksum for the EEPROM data.
To calculate this value, the CRC needs to be generated with the MSB of the EEPROM
data word at first over all corresponding addresses in increasing order.
All addresses from 0h to Fh have to be read out for calculating the checksum. The Least
Significant Byte (LSB) of address Fh which contains the previous checksum must be
overwritten with 0h before the calculation can be started.
Finally, the internal charge pump has to be enabled for programming by setting the bits
EEP_CP_CLOCK_EN and EEP_WRITE_EN (see Table 16) and waiting for tcp.
The generator polynomial for the calculation of the checksum is:
(9)
With a start value of FFh and the data bits are XOR at the x8 point.
Fig 17. OWI command mode procedure
001aag819
tcmd(ent)
signature
command
START
OWI
VDD
94h
9Bh
A4h
STOP
Gx
()
x
8
x
2
x1
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com