Electronic Components Datasheet Search
  English  ▼

X  

KMA199 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # KMA199
Description  Programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA199 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button KMA199 Datasheet HTML 9Page - NXP Semiconductors KMA199 Datasheet HTML 10Page - NXP Semiconductors KMA199 Datasheet HTML 11Page - NXP Semiconductors KMA199 Datasheet HTML 12Page - NXP Semiconductors KMA199 Datasheet HTML 13Page - NXP Semiconductors KMA199 Datasheet HTML 14Page - NXP Semiconductors KMA199 Datasheet HTML 15Page - NXP Semiconductors KMA199 Datasheet HTML 16Page - NXP Semiconductors KMA199 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
KMA199_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2010
13 of 36
NXP Semiconductors
KMA199
Programmable angle sensor
12.2 Hysteresis error
The hysteresis error
Δφ
hys is defined as the maximum difference between the angles,
given by the device output when performing a positive (clockwise) rotation and negative
(counter clockwise) rotation over an angular range of 180
°, measured at a constant
temperature.
Equation 1 gives the mathematical description for the hysteresis value
Δφ
hys:
(1)
12.3 Linearity error
The KMA199 output signal deviation from a best straight line
φ
BSL, with the same slope as
the reference line, is defined as linearity error. The magnetic field angle is varied at fixed
temperatures for measurement of this linearity error. The output signal deviation from the
best straight line at the given temperature is the linearity error
Δφ
lin. It is a function of the
magnetic field angle
α and the temperature of the device T
amb.
Fig 7.
Definition of the hysteresis error
001aag813
180
α (deg)
φmeas
(deg)
Δφhys
φ
hys
Δα
()
φ
meas α
180°
→
()
φ
meas α
0°
→
()
–
=
Fig 8.
Definition of the linearity error
001aag814
180
α (deg)
φmeas
(deg)
Δφlin(α, Tamb)
φref(α)
φBSL(α, Tamb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com