Electronic Components Datasheet Search
  English  ▼

X  

B5076 Datasheet(PDF) 3 Page - EPCOS

Part # B5076
Description  SAW IF filter CDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5076 Datasheet(HTML) 3 Page - EPCOS

  B5076 Datasheet HTML 1Page - EPCOS B5076 Datasheet HTML 2Page - EPCOS B5076 Datasheet HTML 3Page - EPCOS B5076 Datasheet HTML 4Page - EPCOS B5076 Datasheet HTML 5Page - EPCOS B5076 Datasheet HTML 6Page - EPCOS B5076 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Dec 10, 2007
B5076
140.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-40 to 85 ˚C
Terminating source impedance:
ZS =
200
Ω bal. and matching network
Terminating load impedance:
ZL =50 Ω unbal. and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
140
—
MHz
Minimum insertion attenuation
α
min
(including matching network)
—
10.2
13
dB
Passband width
B1.2dB
α
rel ≤ 1.2 dB
25
27
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 12.5 MHz
—
0.7
1.2
dB
Phase ripple (p-p)
∆ϕ
fN ± 12.5 MHz
—
8
10
˚
Phase ripple (rms)
∆ϕ
fN ± 12.5 MHz
—
2
—
˚
Group delay ripple (p-p)
∆τ
fN ± 12.5 MHz
—
40
100
ns
Absolute group delay
τ
mean
mean within
fN ± 12.5 MHz
—
740
—
ns
Relative attenuation (relative to
α
min)
α
rel
1 MHz
... 120 MHz
40
45
—
dB
162 MHz
... 201 MHz
40
45
—
dB
201 MHz
...
1 GHz
40
50
—
dB
1 GHz
...
2 GHz
30
40
—
dB
VSWR (input and output)
fN ± 12.5 MHz
—
1.5:1
2:1
Temperature coefficient of frequency
TCf
—
– 87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com