Electronic Components Datasheet Search
  English  ▼

X  

B5076 Datasheet(PDF) 4 Page - EPCOS

Part # B5076
Description  SAW IF filter CDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5076 Datasheet(HTML) 4 Page - EPCOS

  B5076 Datasheet HTML 1Page - EPCOS B5076 Datasheet HTML 2Page - EPCOS B5076 Datasheet HTML 3Page - EPCOS B5076 Datasheet HTML 4Page - EPCOS B5076 Datasheet HTML 5Page - EPCOS B5076 Datasheet HTML 6Page - EPCOS B5076 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Dec 10, 2007
B5076
140.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 200/50
Ω
- Transformer is only required for measurement at 50
Ω balanced, it accounts for additional 0.8dB
insertion loss.
- The parallel resistor can also be omitted. In this case maximum VSWR will be about 0.1 in-
creased, the insertion attenuation will improve by 0.4dB.
- Element values depend upon PCB layout and board parasitics
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
15
dBm
Lp1 = 68 nH
Cs2 = 100 pF
Cs3 = 100 pF
Rp = 1.5 kΩ
Ls4 = 8.2 nH
Lp5 = 27 nH
1:4
Lp1
Cs2
Cs3
Lp5
Ls4
Rp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com