Electronic Components Datasheet Search
  English  ▼

X  

B5087 Datasheet(PDF) 3 Page - EPCOS

Part # B5087
Description  SAW IF filter WCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5087 Datasheet(HTML) 3 Page - EPCOS

  B5087 Datasheet HTML 1Page - EPCOS B5087 Datasheet HTML 2Page - EPCOS B5087 Datasheet HTML 3Page - EPCOS B5087 Datasheet HTML 4Page - EPCOS B5087 Datasheet HTML 5Page - EPCOS B5087 Datasheet HTML 6Page - EPCOS B5087 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Mar 25, 2008
B5087
192.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–30 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
192.0
—
MHz
Minimum insertion attenuation
α
min
—
15.2
16.0
dB
(including matching network)
Passband width
α
rel ≤ 1.2 dB
B1.2dB
60.0
64.7
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 30 MHz
—
0.6
1.2
dB
Group delay ripple (p-p)
∆τ
fN ± 30 MHz
—
30
60
ns
Mean value of absolute group delay
τ
fN ± 30 MHz
—
550
—
ns
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz ... 145.5 MHz
40
47
—
dB
238.5 MHz ... 450.0 MHz
40
49
—
dB
450.0 MHz ... 770.0 MHz
35
46
—
dB
770.0 MHz ... 1000.0 MHz
40
66
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com