Electronic Components Datasheet Search
  English  ▼

X  

B5087 Datasheet(PDF) 4 Page - EPCOS

Part # B5087
Description  SAW IF filter WCDMA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5087 Datasheet(HTML) 4 Page - EPCOS

  B5087 Datasheet HTML 1Page - EPCOS B5087 Datasheet HTML 2Page - EPCOS B5087 Datasheet HTML 3Page - EPCOS B5087 Datasheet HTML 4Page - EPCOS B5087 Datasheet HTML 5Page - EPCOS B5087 Datasheet HTML 6Page - EPCOS B5087 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Mar 25, 2008
B5087
192.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 50
Ω (input unbalanced) and 50 Ω (output unbalanced)
Element values depend upon PCB layout.
Alternative matching network to 50
Ω (input unbalanced) and 150 Ω (output balanced)
Element values depend upon PCB layout.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
Input power
PIN
10
dBm
Lp2
Lp5
Lp1
Rp3
Rp4
Lp6
Lp1 =56 nH
Ls2 =47 nH
Rp3 =1200 Ohm
Rp4 =1800 Ohm
Ls5 =39 nH
Lp6 =47 nH
Lp2
Lp5
Lp1
Rp3
Rp4
Lp6
Lp5
Lp1 =56 nH
Ls2 =47 nH
Rp3 =1200 Ohm
Rp4 =1800 Ohm
Ls5 =
6.8 nH
Lp6 =68 nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com