Electronic Components Datasheet Search
  English  ▼

X  

B5109 Datasheet(PDF) 3 Page - EPCOS

Part # B5109
Description  SAW filter Base-station RF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5109 Datasheet(HTML) 3 Page - EPCOS

  B5109 Datasheet HTML 1Page - EPCOS B5109 Datasheet HTML 2Page - EPCOS B5109 Datasheet HTML 3Page - EPCOS B5109 Datasheet HTML 4Page - EPCOS B5109 Datasheet HTML 5Page - EPCOS B5109 Datasheet HTML 6Page - EPCOS B5109 Datasheet HTML 7Page - EPCOS B5109 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 23, 2008
B5109
1732.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1732.50
—
MHz
Minimum insertion attenuation
α
min
fC ± 22.5 MHz
—
1.7
2.5
dB
Maximum insertion attenuation
α
max
fC ± 22.5 MHz
—
2.2
3.5
dB
Passband width
α
rel ≤ 1.8 dB
B1.8dB
45
62
—
MHz
Amplitude ripple (p-p)
∆α
fC ± 22.5 MHz
—
0.5
1.8
dB
VSWR
Input
fC ± 22.5 MHz
—
1.7:1
2.0:1
Output
fC ± 22.5 MHz
—
1.5:1
2.0:1
Relative attenuation (relative to
α
min)
α
rel
10
...
1680 MHz
20
23
—
dB
1680
...
1690 MHz
410
—
dB
1690
...
1694 MHz
1.5
6.0
—
dB
1771
...
1778 MHz
1.5
9.5
—
dB
1778
...
1785 MHz
522
—
dB
1785
...
1805 MHz
10
28
—
dB
1805
...
1850 MHz
25
28
—
dB
1850
...
1880 MHz
30
33
—
dB
1880
...
3200 MHz
20
27
—
dB
3200
...
5200 MHz
4
7
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com