Electronic Components Datasheet Search
  English  ▼

X  

B5109 Datasheet(PDF) 4 Page - EPCOS

Part # B5109
Description  SAW filter Base-station RF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5109 Datasheet(HTML) 4 Page - EPCOS

  B5109 Datasheet HTML 1Page - EPCOS B5109 Datasheet HTML 2Page - EPCOS B5109 Datasheet HTML 3Page - EPCOS B5109 Datasheet HTML 4Page - EPCOS B5109 Datasheet HTML 5Page - EPCOS B5109 Datasheet HTML 6Page - EPCOS B5109 Datasheet HTML 7Page - EPCOS B5109 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
December 23, 2008
B5109
1732.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
VESD
2252)
2) acc. to JESD22-A114B (human body model), 1 negative & 1 positive pulse.
V
human body model, 1 pulse
Input power
1710 ... 1755 MHz
PIN
10
dBm
CW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com