Electronic Components Datasheet Search
  English  ▼

X  

B5115 Datasheet(PDF) 4 Page - EPCOS

Part # B5115
Description  SAW filter WCDMA/UMTS Band VII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5115 Datasheet(HTML) 4 Page - EPCOS

  B5115 Datasheet HTML 1Page - EPCOS B5115 Datasheet HTML 2Page - EPCOS B5115 Datasheet HTML 3Page - EPCOS B5115 Datasheet HTML 4Page - EPCOS B5115 Datasheet HTML 5Page - EPCOS B5115 Datasheet HTML 6Page - EPCOS B5115 Datasheet HTML 7Page - EPCOS B5115 Datasheet HTML 8Page - EPCOS B5115 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
June 01, 2009
B5115
2535.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2535.00
MHz
Maximum insertion attenuation
α
max
2500
...
2570 MHz
2.4
3.3
dB
Amplitude ripple (p-p)
∆α
2500
...
2570 MHz
0.6
1.6
dB
VSWR
Input
2500
...
2570 MHz
1.7:1
2.0:1
Output
2500
...
2570 MHz
1.7:1
2.0:1
Attenuation
α
1 ...
225 MHz
30
38
dB
225 ...
2070 MHz
20
27
dB
2070
...
2170 MHz
33
39
dB
2170
...
2260 MHz
27
33
dB
2260
...
2372 MHz
18
23
dB
2372
...
2450 MHz
12
15
dB
2620
...
2810 MHz
29
33
dB
2810
...
2900 MHz
27
33
dB
2900
...
3300 MHz
20
25
dB
3300
...
3500 MHz
18
23
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com