Electronic Components Datasheet Search
  English  ▼

X  

B5115 Datasheet(PDF) 5 Page - EPCOS

Part # B5115
Description  SAW filter WCDMA/UMTS Band VII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5115 Datasheet(HTML) 5 Page - EPCOS

  B5115 Datasheet HTML 1Page - EPCOS B5115 Datasheet HTML 2Page - EPCOS B5115 Datasheet HTML 3Page - EPCOS B5115 Datasheet HTML 4Page - EPCOS B5115 Datasheet HTML 5Page - EPCOS B5115 Datasheet HTML 6Page - EPCOS B5115 Datasheet HTML 7Page - EPCOS B5115 Datasheet HTML 8Page - EPCOS B5115 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
June 01, 2009
B5115
2535.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
VESD
1502)
2) acc. to JESD22-A114B (human body model), 1 negative & 1 positive pulse.
V
human body model, 1 pulse
Input power
2500 ... 2570 MHz
PIN
10
dBm
CW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com