Electronic Components Datasheet Search
  English  ▼

X  

FMEB Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMEB
Description  DC-Filter, single pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMEB Datasheet(HTML) 1 Page - Schurter Inc.

  FMEB Datasheet HTML 1Page - Schurter Inc. FMEB Datasheet HTML 2Page - Schurter Inc. FMEB Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FMEB
www.schurter.com/pg06_
EMC Products
DC-Filter, single pole
Description
-Chassis:
Screw-onmounting,fromtop
-Line-filterinstandardversion,1-stage,standardattenuation
-Effectiveagainstsymmetricalandasymmetricalinterferencesinthe
frequencyrangefrom100kHzupto30MHz
Approvals
-VDELicenseNumber:40021953
-ULLicenseNumber:E72928
Characteristics
-OptimizedforDCsuppliedapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Otherterminalcombinations
-Versionwithwireconnection
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
5-30A@Ta40°C/43/80VDC
RatingsUL/CSA
5-30A@Ta40°C/43/80VDC
DielectricStrength
>1.7kVDCbetweenVss-GND
>2.7kVDCbetweenVss/GND-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Quickconnectterminals6.3x0.8mm
orscrewterminals
Material:Housing
Alu.anodised,UL94V-0
LineFilter
IndustrialVersion,IEC60939,IEC
60601-1,UL1283,UL544,EN133
200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 85-2
32 max.
89 max.
66 max.
(3.5)
(12)
5.3 ±0.2
(12)
2)
1)
3)
4 mm2
6.3x0.8
1) Line2) Load3) I/O connections torque 0.6...0.8 Nm


Similar Part No. - FMEB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FME SCHURTER-FME Datasheet
325Kb / 1P
Fuseholder Open Design, Holder for MSF 125, Panel Mount
logo
Sanken electric
FME-2104 SANKEN-FME-2104 Datasheet
85Kb / 3P
Schottky Barrier Diodes
FME-2106 SANKEN-FME-2106 Datasheet
92Kb / 2P
Schottky Barrier Diodes
FME-210B SANKEN-FME-210B Datasheet
291Kb / 7P
Schottky Barrier Diode
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
100V, 20A Schottky barrier diode in TO220F package
More results

Similar Description - FMEB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
Switch, Single-Pole, Double-Throw DC-5.0 GHz
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
DC FILTER
logo
Schurter Inc.
FMEC SCHURTER-FMEC Datasheet
559Kb / 3P
DC-Filter, dual pole
logo
BeRex Corporation
BSW841 BEREX-BSW841 Datasheet
289Kb / 4P
DC~4GHz Wide Band Single Pole Double Throw Switch
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
SINGLE POLE AND DOUBLE POLE
logo
TE Connectivity Ltd
CAP120 TEC-CAP120 Datasheet
282Kb / 4P
Single Pole Hermetically Sealed 150 Amp DC Contactors
logo
Teledyne Technologies I...
S2CP20101 TELEDYNE-S2CP20101 Datasheet
105Kb / 1P
DC TO 20 GHz NON REFLECTIVE SINGLE-POLE SINGLE-THROW SWITCH
logo
Carling Technologies
RA901-VB-B-9-V CARLINGTECH-RA901-VB-B-9-V Datasheet
599Kb / 4P
Single Pole Rocker
logo
BeRex Corporation
BSW841 BEREX-BSW841_18 Datasheet
643Kb / 5P
DC~4GHz Wide Band Single Pole Double Throw Switch
logo
GREEGOO Electric Co.,Lt...
6RCBE GREEGOO-6RCBE Datasheet
934Kb / 2P
Single pole Rcbo
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com