Electronic Components Datasheet Search
  English  ▼

X  

FMEB Datasheet(PDF) 2 Page - Schurter Inc.

Part # FMEB
Description  DC-Filter, single pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMEB Datasheet(HTML) 2 Page - Schurter Inc.

  FMEB Datasheet HTML 1Page - Schurter Inc. FMEB Datasheet HTML 2Page - Schurter Inc. FMEB Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

-Phase Line Filters
FMEB
www.schurter.com/pg06_
EMC Products
Case 86-2
2)
1)
3)
4 mm2
6.3x0.8
43 max.
89 max.
66 max.
(7)
(12)
5.3 ±0.2
(12)
1) Line2) Load3) I/O connections torque 0.6...0.8 Nm
Case 86-6
43 max.
88 max.
66 max.
(12)
5.3 ±0.2
(12)
2)
1)
3)
4 mm2
1) Line2) Load3) I/O connections torque 0.6...0.8 Nm
Terminal options
6.3x0.8
4 mm2
L
1)
2)
3)
1) Quick connect terminals 6.3x0.8 (only up to 24A)2) Screw clamp 4mm²3) Flexible
wires
Diagrams
Cx
R
Vss
GND
1)
L
Cy
Cy
Vss'
GND'
PE
2)
1) Line
2) Load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com