Electronic Components Datasheet Search
  English  ▼

X  

TTC007 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TTC007
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC007 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TTC007 Datasheet HTML 1Page - Toshiba Semiconductor TTC007 Datasheet HTML 2Page - Toshiba Semiconductor TTC007 Datasheet HTML 3Page - Toshiba Semiconductor TTC007 Datasheet HTML 4Page - Toshiba Semiconductor TTC007 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TTC007
2010-02-08
4
rth(j-a) - tw
10
100
1000
0.001
0.01
0.1
1
100
10
1000
Pulse width tw (s)
1
Safe Operating Area
10 ms*
IC max. (pulsed)*
IC max. (continuous)
100 ms*
VCEO max
1ms*
10
0.01
1
0.1
Collector-emitter voltage VCE
(V)
0.1
1
10
100
0.001
10s*
Curves apply only to limited areas of thermal resistance.
Single non-repetitive pulse Ta
= 25°C
Mounted on an FR4 board
(glass-epoxy; 645 mm
2,1.6 mm thick; Cu area, 645 mm2)
DC operation
Ta = 25°C
* Single nonrepetitive pulse
Ta
= 25°C
・
Mounted on an FR4 board
(glass-epoxy; 645 mm
2,1.6 mm thick; Cu area, 645 mm2)
・
Note that the curves for 100ms,10s and DC operation will
be different when the devices aren’t mounted on an FR4
board.
・
Curves must be derated linearly with increase in
temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com