Electronic Components Datasheet Search
  English  ▼

X  

TTC007 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TTC007
Description  Silicon NPN Epitaxial Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC007 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TTC007 Datasheet HTML 1Page - Toshiba Semiconductor TTC007 Datasheet HTML 2Page - Toshiba Semiconductor TTC007 Datasheet HTML 3Page - Toshiba Semiconductor TTC007 Datasheet HTML 4Page - Toshiba Semiconductor TTC007 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TTC007
2010-02-08
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
TTC007
High-Speed Switching Applications
DC-DC Converter Applications
• High DC current gain: hFE = 400 to1000 (IC = 0.1 A)
• Low collector-emitter saturation voltage: VCE(sat) = 0.12 V (max)
• High-speed switching : tf = 85 ns (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
7
V
DC
IC
1
Collector current
Pulse
ICP
2
A
Base current
IB
0.1
A
t = 10 s
PC
1.1
Collector power dissipation
DC
(Note 1)
0.7
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note1: Mounted on FR4 board (glass epoxy; 645 mm
2,1.6 mm thick; Cu area: 645 mm2)
Note2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
2-3S1C
Weight: 0.01 g (typ.)
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - TTC007

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC007 TOSHIBA-TTC007 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TTC007

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
Silicon NPN Epitaxial Type
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
Silicon NPN Epitaxial Type
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com