Electronic Components Datasheet Search
  English  ▼

X  

B5142 Datasheet(PDF) 2 Page - EPCOS

Part # B5142
Description  SAW filter PCSG RF Tx filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5142 Datasheet(HTML) 2 Page - EPCOS

  B5142 Datasheet HTML 1Page - EPCOS B5142 Datasheet HTML 2Page - EPCOS B5142 Datasheet HTML 3Page - EPCOS B5142 Datasheet HTML 4Page - EPCOS B5142 Datasheet HTML 5Page - EPCOS B5142 Datasheet HTML 6Page - EPCOS B5142 Datasheet HTML 7Page - EPCOS B5142 Datasheet HTML 8Page - EPCOS B5142 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
March 08, 2010
B5142
1962.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Preliminary data
Revision History: Changes compared to previous iteration issue
ISSUE
ORIGINATOR
DETAIL SPEC CHANGES
DATE
DGLW58S01
0.1
Wilson GOH
Initial release
08.Jan.2010
LW58A
1.0
Wilson GOH
Max. AR limit relaxed from 2.2 to 2.4 dB
24.Feb.2010
B5142
1.0
Wilson GOH
Ordering code added
08.Mar.2010
Specifications for 1905~1915MHz added



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com