Electronic Components Datasheet Search
  English  ▼

X  

B5142 Datasheet(PDF) 4 Page - EPCOS

Part # B5142
Description  SAW filter PCSG RF Tx filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5142 Datasheet(HTML) 4 Page - EPCOS

  B5142 Datasheet HTML 1Page - EPCOS B5142 Datasheet HTML 2Page - EPCOS B5142 Datasheet HTML 3Page - EPCOS B5142 Datasheet HTML 4Page - EPCOS B5142 Datasheet HTML 5Page - EPCOS B5142 Datasheet HTML 6Page - EPCOS B5142 Datasheet HTML 7Page - EPCOS B5142 Datasheet HTML 8Page - EPCOS B5142 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
March 08, 2010
B5142
1962.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Preliminary data
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
LW58A1)
1) Values in columns min, typ and max indicate the development status of the current version.
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1962.50
—
MHz
Maximum insertion attenuation
α
max
1930
...
1995 MHz
—
2.9
4.0
dB
Amplitude ripple (p-p)
∆α
1930
...
1995 MHz
—
1.2
2.4
dB
Return loss
Input
1930
...
1995 MHz
8
11
—
dB
Output
1930
...
1995 MHz
8
12
—
dB
Attenuation
α
abs
1850
...
1875 MHz
15
17
—
dB
1875
...
1905 MHz
13
16
—
dB
1905
...
1915 MHz
38
—
dB
2022
...
2070 MHz
15
25
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com