Electronic Components Datasheet Search
  English  ▼

X  

B7775 Datasheet(PDF) 3 Page - EPCOS

Part # B7775
Description  SAW Filters for Mobile Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7775 Datasheet(HTML) 3 Page - EPCOS

  B7775 Datasheet HTML 1Page - EPCOS B7775 Datasheet HTML 2Page - EPCOS B7775 Datasheet HTML 3Page - EPCOS B7775 Datasheet HTML 4Page - EPCOS B7775 Datasheet HTML 5Page - EPCOS B7775 Datasheet HTML 6Page - EPCOS B7775 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
July 31, 2008
B7775
1575.42 MHz
SAW Components
SAW GPS filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
TA = -40 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
1575,42
—
MHz
Maximum insertion attenuation
α
max
1574,42 ...1576,42 MHz
—
2,0
3,0
dB
Amplitude ripple in passband (p-p)
∆α
1574,42 ...1576,42 MHz
—
0,1
1,0
dB
Return loss (Input and Output)
1574,42 ...1576,42 MHz
12
17
—
dB
Attenuation
α
806,00 ... 902,00 MHz
40
47
—
dB
902,00 ...1475,42 MHz
35
45
—
dB
1475,42 ...1535,42 MHz
30
37
—
dB
1612,00 ...1650,00 MHz
45
53
—
dB
1792,00 ...1804,00 MHz
45
53
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com