Electronic Components Datasheet Search
  English  ▼

X  

B7775 Datasheet(PDF) 4 Page - EPCOS

Part # B7775
Description  SAW Filters for Mobile Communications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7775 Datasheet(HTML) 4 Page - EPCOS

  B7775 Datasheet HTML 1Page - EPCOS B7775 Datasheet HTML 2Page - EPCOS B7775 Datasheet HTML 3Page - EPCOS B7775 Datasheet HTML 4Page - EPCOS B7775 Datasheet HTML 5Page - EPCOS B7775 Datasheet HTML 6Page - EPCOS B7775 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
July 31, 2008
B7775
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS filter
Data Sheet
Maximum ratings of Filter
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power max.
1573,42 ... 1577,42 MHz
50,0...1460 and
1710 ... 4000 MHz
PIN
PIN
3
13
dBm
dBm
source and load impedance 50
Ω
continuous wave signal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com