Electronic Components Datasheet Search
  English  ▼

X  

B9444 Datasheet(PDF) 3 Page - EPCOS

Part # B9444
Description  SAW GPS filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9444 Datasheet(HTML) 3 Page - EPCOS

  B9444 Datasheet HTML 1Page - EPCOS B9444 Datasheet HTML 2Page - EPCOS B9444 Datasheet HTML 3Page - EPCOS B9444 Datasheet HTML 4Page - EPCOS B9444 Datasheet HTML 5Page - EPCOS B9444 Datasheet HTML 6Page - EPCOS B9444 Datasheet HTML 7Page - EPCOS B9444 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 19, 2009
B9444
1575.42 MHz
SAW Components
SAW GPS filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter
Temperature range for specification:
T
= –30 ˚C to +85˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
LT57B
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1574.42 ... 1576.42 MHz
—
0.9
1.3
dB
Amplitude ripple (p-p)
∆α
1574.42 ... 1576.42 MHz
—
0.05
0.6
dB
Input and Output VSWR
1574.42 ... 1576.42 MHz
—
1.25
1.8
Attenuation
α
0.1
...
880.0
MHz
42
46
—
dB
880.0
...
915.0
MHz
42
46
—
dB
915.0
... 1453.0
MHz
40
46
—
dB
1453.0
... 1525.0
MHz
37
50
—
dB
1625.0
... 1710.0
MHz
40
52
—
dB
1710.0
... 2050.0
MHz
45
50
—
dB
2050.0
... 2250.0
MHz
40
50
—
dB
2250.0
... 2400.0
MHz
35
41
—
dB
2400.0
... 2700.0
MHz
40
49
—
dB
2700.0
... 6000.0
MHz
30
35
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com