Electronic Components Datasheet Search
  English  ▼

X  

B9444 Datasheet(PDF) 4 Page - EPCOS

Part # B9444
Description  SAW GPS filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9444 Datasheet(HTML) 4 Page - EPCOS

  B9444 Datasheet HTML 1Page - EPCOS B9444 Datasheet HTML 2Page - EPCOS B9444 Datasheet HTML 3Page - EPCOS B9444 Datasheet HTML 4Page - EPCOS B9444 Datasheet HTML 5Page - EPCOS B9444 Datasheet HTML 6Page - EPCOS B9444 Datasheet HTML 7Page - EPCOS B9444 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
March 19, 2009
B9444
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS filter
Data Sheet
Maximum ratings of Filter
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
source/load impedance 50
Ω/50Ω
824 ... 960, 1710 ...1980 MHz PIN
232)
2) 10000 h, 55 ˚C
dBm
cw
2400 ... 2500 MHz
PIN
10
dBm
cw
5100 ... 5900 MHz
PIN
0
dBm
cw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com