Electronic Components Datasheet Search
  English  ▼

X  

RF2047 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2047
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2047 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2047 Datasheet HTML 1Page - RF Micro Devices RF2047 Datasheet HTML 2Page - RF Micro Devices RF2047 Datasheet HTML 3Page - RF Micro Devices RF2047 Datasheet HTML 4Page - RF Micro Devices RF2047 Datasheet HTML 5Page - RF Micro Devices RF2047 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
4-28
RF2047
Rev A4 010110
4
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Evaluation Board Layout
Board Size 1.195" x 1.000"
C2
100 pF
C1
100 pF
50
Ωµstrip
50
Ωµstrip
RF OUT
J2
RF IN
J1
P1-1
NC
P1
VCC
GND
1
2
3
L1
100 nH
R1
22
VCC
P1-1
C3
100 pF
C4
1
µF
Drawing 204X400-
13
2
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com