Electronic Components Datasheet Search
  English  ▼

X  

RF2047 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2047
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2047 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2047 Datasheet HTML 1Page - RF Micro Devices RF2047 Datasheet HTML 2Page - RF Micro Devices RF2047 Datasheet HTML 3Page - RF Micro Devices RF2047 Datasheet HTML 4Page - RF Micro Devices RF2047 Datasheet HTML 5Page - RF Micro Devices RF2047 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
4-25
4
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
13
2
4
RF OUT
RF OUT
RF IN
GND
GND
MARKING - C7
RF2047
GENERAL PURPOSE AMPLIFIER
• Broadband, Low Noise Gain Blocks
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Final PA for Low Power Applications
• High Reliability Applications
• Broadband Test Equipment
The RF2047 is a general purpose, low cost RF amplifier
IC. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as an easily-cas-
cadable 50
Ω gain block. Applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 6000MHz.
The device is self-contained with 50
Ω input and output
impedances and requires only two external DC biasing
elements to operate as specified. With a goal of
enhanced reliability, the extremely small Micro-X ceramic
package offers significantly lower thermal resistance than
similar size plastic packages.
• DC to 6000MHz Operation
• Internally matched Input and Output
• 16dB Small Signal Gain
• +26dBm Output IP3
• +12dBm Output Power
• Excellent Gain Flatness
RF2047
General Purpose Amplifier
RF2047 PCBA
Fully Assembled Evaluation Board
4
Rev A4 010110
0.070
sq.
45°
+1°
0.055
+ 0.005
0.020
+ 0.002
0.040
+ 0.002
NOTES:
1. Shaded lead is pin 1.
2. Darkened areas are metallization.
0.200 sq.
Typ
Package Style: Micro-X Ceramic


Similar Part No. - RF2047

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF2040E RFM-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF2040E MURATA-RF2040E Datasheet
505Kb / 10P
915.0 MHz SAW Filter
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2043PCBA RFMD-RF2043PCBA Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2044 RFMD-RF2044 Datasheet
97Kb / 6P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2047

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com