Electronic Components Datasheet Search
  English  ▼

X  

RF2105L Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2105L
Description  HIGH POWER LINEAR UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2105L Datasheet(HTML) 5 Page - RF Micro Devices

  RF2105L Datasheet HTML 1Page - RF Micro Devices RF2105L Datasheet HTML 2Page - RF Micro Devices RF2105L Datasheet HTML 3Page - RF Micro Devices RF2105L Datasheet HTML 4Page - RF Micro Devices RF2105L Datasheet HTML 5Page - RF Micro Devices RF2105L Datasheet HTML 6Page - RF Micro Devices RF2105L Datasheet HTML 7Page - RF Micro Devices RF2105L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2-23
RF2105L
Rev B3 010720
2
Application Schematic for 430MHz Operation
Application Schematic for 840MHz Operation
2
3
4
5
13
12
11
10
67
89
114
15
16
BIAS
CIRCUIT
V
CC
100 pF
100 pF
100 pF
13 pF
33 pF
10 pF
100 pF
100 pF
220 nH
180
Ω
RF OUT
1
µF
RF IN
Ground Back of
Package
PD
4.7 nH
10
Ω
15 nH
1nF
2
3
4
5
13
12
11
10
67
89
114
15
16
BIAS
CIRCUIT
V
CC
100 pF
100 pF
100 pF
4.7 pF
6.8 pF
2.4 pF
100 pF
100 pF
47 nH
180
Ω
0.01" x 0.20"
(PCB material: FR-4,
Thickness: 0.031")
RF OUT
1
µF
RF IN
Ground Back of
Package
PD
0/5 V
DC
1.8 nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com