Electronic Components Datasheet Search
  English  ▼

X  

RF2105L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2105L
Description  HIGH POWER LINEAR UHF AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2105L Datasheet(HTML) 1 Page - RF Micro Devices

  RF2105L Datasheet HTML 1Page - RF Micro Devices RF2105L Datasheet HTML 2Page - RF Micro Devices RF2105L Datasheet HTML 3Page - RF Micro Devices RF2105L Datasheet HTML 4Page - RF Micro Devices RF2105L Datasheet HTML 5Page - RF Micro Devices RF2105L Datasheet HTML 6Page - RF Micro Devices RF2105L Datasheet HTML 7Page - RF Micro Devices RF2105L Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
2-19
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
2
3
4
5
13
12
11
10
VCC3
VCC1
GND
PD
RF OUT
GND
RF OUT
RF OUT
6
789
114
15
16
BIAS
CIRCUIT
RF2105L
HIGH POWER LINEAR UHF AMPLIFIER
• 900 MHz ISM Band Applications
• 400 MHz Industrial Radios
• Digital Communication Systems
• Driver Stage for Higher Power Applications
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2105L is a high power, high efficiency linear
amplifierIC. The deviceis manufacturedonanadvanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in digital cellular phone transmitters or ISM
applications requiring linear amplification. It is packaged
in a 16-lead ceramic package with a backside ground.
The device is self-contained with the exception of the out-
put matching network and power supply feed line.
• Single 2.7V to 6.5V Supply
• Upto1.2WCWOutputPower
• 33dB Small Signal Gain
• 48% Efficiency
• Digitally Controlled Power Down Mode
• Small Package Outline (0.25" x 0.25")
RF2105L
High Power Linear UHF Amplifier
RF2105L PCBA
Fully Assembled Evaluation Board
2
Rev B3 010720
0.150
0.050
0.033
0.017
0.025
1
R0.008
0.050
0.075
0.065
0.080
0.080
0.258
0.242
0.258
0.242
0.022
0.018
0.208
0.192
sq.
Package Style: QLCC-16 Alumina


Similar Part No. - RF2105L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA RFMD-RF2103PPCBA Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103PPCBA-41X RFMD-RF2103PPCBA-41X Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
More results

Similar Description - RF2105L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHL8115 MOTOROLA-MHL8115 Datasheet
50Kb / 4P
UHF Linear Amplifier
MHL9125 MOTOROLA-MHL9125 Datasheet
50Kb / 4P
UHF Linear Amplifier
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
logo
RF Micro Devices
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
logo
DAICO Industries, Inc.
CAMH9120 DAICO-CAMH9120 Datasheet
155Kb / 1P
UHF High Power Amplifier
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
UHF linear power transistor
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
UHF Linear Power Transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
UHF Linear Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com