Electronic Components Datasheet Search
  English  ▼

X  

LMH6629SD Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6629SD
Description  Ultra-Low Noise, High Speed Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6629SD Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6629SD Datasheet HTML 1Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 2Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 3Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 4Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 5Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 6Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 7Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 8Page - National Semiconductor (TI) LMH6629SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
3.3V Electrical Characteristics
The following specifications apply for single supply with V
S = 3.3V, RL = 100Ω terminated to 1.65V, gain = 10V/V, VO = 1VPP,
V
CM = VS/2, COMP Pin = HI, unless otherwise noted. Boldface limits apply at the temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 5)
Max
(Note 5)
Units
DYNAMIC PERFORMANCE
SSBW
Small signal −3dB bandwidth
V
O = 200 mVPP
820
MHz
COMP Pin = LO, A
V= 4, VO = 200
mV
PP
730
LSBW
Large signal −3dB bandwidth
V
O = 1VPP
540
MHz
COMP Pin = LO, A
V= 4, VO = 1VPP
320
0.1 dB bandwidth
A
V= 10, VO = 200 mVPP
330
MHz
COMP Pin = LO, A
V= 4, VO = 200
mV
PP
85
SR
Slew rate
A
V= 10, 1.3V step
1100
V/µs
COMP Pin = LO, A
V= 4, 1.3V step
500
t
r/tf
Rise/fall time
A
V= 10, 1V step, 10% to 90%
0.7
ns
COMP Pin = LO, A
V= 4, 1V step, 10%
to 90% (Slew Rate Limited)
1.3
T
s
Settling time
A
V= 10, 1V step, ±0.1%
70
Overload Recovery
V
IN = 1VPP
2
NOISE AND DISTORTION
HD2
2nd order distortion
fc = 1MHz, V
O = 1VPP
–82
dBc
COMP Pin = LO, A
V= 4, fc = 1MHz,
V
O = 1VPP
-88
fc = 10 MHz, V
O = 1VPP
-67
COMP Pin = LO, fc = 10 MHz, A
V= 4V,
V
O = 1VPP
-74
HD3
3rd order distortion
fc = 1MHz, V
O = 1VPP
-94
dBc
COMP Pin = LO, A
V= 4, fc = 1MHz,
V
O = 1VPP
-112
fc = 10 MHz, V
O = 1VPP
-79
COMP pin = LO, fc = 10 MHz, V
O =
1V
PP
–96
OIP3
Two-tone 3rd Order Intercept
Point
fc = 25 MHz, V
O = 1VPP composite
30
dBm
fc = 75 MHz, V
O = 1VPP composite
26
e
n
Noise voltage
Input referred, f > 1MHz
0.69
nV/
√HZ
i
n
Noise current
2.6
pA/
√HZ
NF
Noise figure
R
S = RT = 50Ω
8.0
dB
ANALOG I/O
CMVR
Input voltage range
CMRR > 70 dB
−0.30
2.1
V
V
O
Output voltage range
R
L = 100Ω to VS/2
0.90
0.95
0.79 to
2.50
2.4
2.3
V
No load
0.76
0.80
0.70 to
2.60
2.5
2.4
I
OUT
Linear output current
V
O = 1.65V (Note 3)
230
mA
V
OS
Input Offset Voltage
±150
±680
±700
µV
TcV
OS
Input offset voltage
temperature drift
(Note 7)
±1
μV/°C
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com