Electronic Components Datasheet Search
  English  ▼

X  

RF2132 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2132
Description  LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2132 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2132 Datasheet HTML 1Page - RF Micro Devices RF2132 Datasheet HTML 2Page - RF Micro Devices RF2132 Datasheet HTML 3Page - RF Micro Devices RF2132 Datasheet HTML 4Page - RF Micro Devices RF2132 Datasheet HTML 5Page - RF Micro Devices RF2132 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-111
RF2132
Rev B9 010417
2
Pin
Function
Description
Interface Schematic
1VCC1
Power supply for the driver stage, and interstage matching. Shunt
inductance is required on this pin, which can be achieved by an induc-
tor to VCC, with a decoupling capacitor on the VCC side. The value of
the inductor is frequency dependent; 3.3nH is required for 830MHz,
and 1.2nH for 950MHz. Instead of an inductor, a high impedance
microstrip line can be used.
2NC
Not Connected.
3RF IN
RF input. This is a 50
Ω input, but the actual input impedance depends
on the interstage matching network connected to pin 1. An external DC
blocking capacitor is required if this port is connected to a DC path to
ground or a DC voltage.
See pin 1.
4GND
Ground connection. Keep traces physically short and connect immedi-
ately to the ground plane for best performance.
5GND
Same as pin 4.
6GND
Ground for stage 1. Keep traces physically short and connect immedi-
ately to ground plane for best performance. This ground should be iso-
lated from the batwing and other ground contacts. See evaluation
board layout.
7GND
Same as pin 6.
8PC
Power Control. When this pin is "low", all circuits are shut off. A "low" is
typically 0.5V or less at room temperature. During normal operation
this pin is the power control. Control range varies from about 2V for
0dBm to VCC for +31dBm RF output power. The maximum power that
can be achieved depends on the actual output matching. PC should
never exceed 5.0V or VCC, whichever is the lowest.
9GND
Same as pin 4.
10
RF OUT
RF Output and power supply for the output stage. The four output pins
are combined, and bias voltage for the final stage is provided through
these pins. The external path must be kept symmetric until combined to
ensure stability. An external matching network is required to provide the
optimum load impedance; see the application schematics for details.
11
RF OUT
Same as pin 10.
See pin 10.
12
GND
Same as pin 4.
13
GND
Same as pin 4.
14
RF OUT
Same as pin 10.
See pin 10.
15
RF OUT
Same as pin 10.
See pin 10.
16
GND
Same as pin 4.
RF IN
VCC
From Bias
Stages
PC
To RF
Transistors
RF OUT
From Bias
Stages



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com