Electronic Components Datasheet Search
  English  ▼

X  

RF2132 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2132
Description  LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2132 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2132 Datasheet HTML 1Page - RF Micro Devices RF2132 Datasheet HTML 2Page - RF Micro Devices RF2132 Datasheet HTML 3Page - RF Micro Devices RF2132 Datasheet HTML 4Page - RF Micro Devices RF2132 Datasheet HTML 5Page - RF Micro Devices RF2132 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
2-109
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
BIAS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
NC
RF IN
GND
GND
GND
GND
PC
GND
RF OUT
RF OUT
GND
GND
RF OUT
RF OUT
GND
RF2132
LINEAR POWER AMPLIFIER
• 4.8V AMPS Cellular Handsets
• 4.8V CDMA/AMPS Handsets
• 4.8V JCDMA/TACS Handsets
• Driver Amplifier in Cellular Base Stations
• Portable Battery-Powered Equipment
The RF2132 is a high power, high efficiency linear ampli-
fier IC. The device is manufactured on an advanced Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in dual-mode 4-cell CDMA/AMPS handheld digi-
tal cellular equipment, spread-spectrum systems, and
other applications in the 800MHz to 950MHz band. The
device is self-contained with 50
Ω input and the output
can be easily matched to obtain optimum power, effi-
ciency, and linearity characteristics over varying supply
and control voltages.
• Single 4.2V to 5.0V Supply
• Upto29dBm Linear Output Power
• 29dB Gain With Analog Gain Control
• 45% Linear Efficiency
• On-board Power Down Mode
• 800MHz to 950MHz Operation
RF2132
Linear Power Amplifier
RF2132 PCBA
Fully Assembled Evaluation Board
2
Rev B9 010417
0.035
0.016
0.010
0.008
8° MAX
0° MIN
0.021
0.014
0.392
0.386
0.158
0.150
0.244
0.230
0.069
0.064
0.050
0.060
0.054
-A-
0.009
0.004
Package Style: Standard Batwing


Similar Part No. - RF2132

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA-41X RFMD-RF2132PCBA-41X Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF2132

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
Linear Power Amplifier
XP1080-QU MA-COM-XP1080-QU_15 Datasheet
771Kb / 8P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com