Electronic Components Datasheet Search
  English  ▼

X  

RF2138 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2138
Description  3V GSM POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2138 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2138 Datasheet HTML 1Page - RF Micro Devices RF2138 Datasheet HTML 2Page - RF Micro Devices RF2138 Datasheet HTML 3Page - RF Micro Devices RF2138 Datasheet HTML 4Page - RF Micro Devices RF2138 Datasheet HTML 5Page - RF Micro Devices RF2138 Datasheet HTML 6Page - RF Micro Devices RF2138 Datasheet HTML 7Page - RF Micro Devices RF2138 Datasheet HTML 8Page - RF Micro Devices RF2138 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-123
RF2138
Rev A9 011031
2
Theory of Operation and Application Information
The RF2138 is a three-stage device with 32 dB gain at
full power. Therefore, the drive required to fully satu-
rate the output is +3dBm. Based upon HBT (Hetero-
junction
Bipolar
Transistor)
technology,
the
part
requires only a single positive 3 V supply to operate to
full specification. Power control is provided through a
single pin interface, with a separate Power Down con-
trol pin. The final stage ground is achieved through the
large pad in the middle of the backside of the package.
First and second stage grounds are brought out
through separate ground pins for isolation from the out-
put. These grounds should be connected directly with
vias to the PCB ground plane, and not connected with
the output ground to form a so called “local ground
plane” on the top layer of the PCB. The output is
brought out through the wide output pad, and forms the
RF output signal path.
The amplifier operates in near Class C bias mode. The
final stage is "deep AB", meaning the quiescent current
is very low. As the RF drive is increased, the final stage
self-biases, causing the bias point to shift up and, at
full power, draws about 2000 mA. The optimum load for
the output stage is approximately 1.2
Ω.Thisisthe load
at the output collector, and is created by the series
inductance formed by the output bond wires, vias, and
microstrip, and 2 shunt capacitors external to the part.
The optimum load impedance at the RF Output pad is
1.2-j1.7
Ω. With this match, a 50Ω terminal impedance
is achieved. The input is internally matched to 50
with just a blocking capacitor needed. This data sheet
defines the configuration for GSM operation.
The input is DC coupled; thus, a blocking cap must be
inserted in series. Also, the first stage bias may be
adjusted by a resistive divider with high value resistors
on this pin to VPC and ground. For nominal operation,
however, no external adjustment is necessary as inter-
nal resistors set the bias point optimally.
VCC1 and VCC2 provide supply voltage to the first and
second stage, as well as provides some frequency
selectivity to tune to the operating band. Essentially,
the bias is fed to this pin through a short microstrip. A
bypass capacitor sets the inductance seen by the part,
so placement of the bypass cap can affect the fre-
quency of the gain peak. This supply should be
bypassed individually with 100pF capacitors before
being combined with VCC for the output stage to pre-
vent feedback and oscillations.
The RF OUT pin provides the output power. Bias for
the final stage is fed to this output line, and the feed
must be capable of supporting the approximately 2 A of
current required. Care should be taken to keep the
losses low in the bias feed and output components. A
narrow microstrip line is recommended because DC
losses in a bias choke will degrade efficiency and
power.
While the part is safe under CW operation, maximum
power and reliability will be achieved under pulsed con-
ditions. The data shown in this data sheet is based on
a 12.5% duty cycle and a 600
µs pulse, unless speci-
fied otherwise.
The part will operate over a 3.0 V to 5.0V range. Under
nominal conditions, the power at 3.5V will be greater
than +34.5dBm at +90°C. As the voltage is increased,
however, the output power will increase. Thus, in a sys-
tem design, the ALC (Automatic Level Control) Loop
will back down the power to the desired level. This
must occur during operation, or the device may be
damaged from too much power dissipation. At 5.0 V,
over +38 dBm may be produced; however, this level of
power is not recommended, and can cause damage to
the device.
The HBT breakdown voltage is >20V, so there are no
issue with overvoltage. However, under worst-case
conditions, with the RF drive at full power during trans-
mit, and the output VSWR extremely high, a low load
impedance at the collector of the output transistors can
cause currents much higher than normal. Due to the
bipolar nature of the devices, there is no limitation on
the amount of current de device will sink, and the safe
current densities could be exceeded.
High current conditions are potentially dangerous to
any RF device. High currents lead to high channel tem-
peratures and may force early failures. The RF2138
includes temperature compensation circuits in the bias
network to stabilize the RF transistors, thus limiting the
current through the amplifier and protecting the
devices from damage. The same mechanism works to
compensate the currents due to ambient temperature
variations.
To avoid excessively high currents it is important to
control the VAPC when operating at supply voltages
higher than 4.0V, such that the maximum output power
is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com