Electronic Components Datasheet Search
  English  ▼

X  

RF2138 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2138
Description  3V GSM POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2138 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2138 Datasheet HTML 2Page - RF Micro Devices RF2138 Datasheet HTML 3Page - RF Micro Devices RF2138 Datasheet HTML 4Page - RF Micro Devices RF2138 Datasheet HTML 5Page - RF Micro Devices RF2138 Datasheet HTML 6Page - RF Micro Devices RF2138 Datasheet HTML 7Page - RF Micro Devices RF2138 Datasheet HTML 8Page - RF Micro Devices RF2138 Datasheet HTML 9Page - RF Micro Devices RF2138 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-125
RF2138
Rev A9 011031
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
16
14
15
678
13
12
11
10
9
1
2
3
4
5
C1
1nF
R1
180
J1
RF IN
L1
10 nH
C8
33 pF
C2
1nF
VCC1
+
C17
3.3 uF
C9
33 pF
C3
1nF
C14
10 nF
C10
33 pF
C4
1nF
C15
10 nF
C11
33 pF
C5
1nF
C16
10 nF
+
C18
3.3 uF
VCC1
C21
9.1 pF
C22
11 pF
C23
5.6 pF
C13
33 pF
J2
RF OUT
L2
8.8 nH
C12
33 pF
C6
1nF
+
C19
3.3 uF
VCC1
C24
120 pF
C7
1nF
+
C20
3.3 uF
VCC1
2138400 Rev A
GND
VCC1
VCC1
GND
P1
1
2
3
4
5
6
CON3
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
J3
VPC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com