Electronic Components Datasheet Search
  English  ▼

X  

RF2157 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2157
Description  PCS CDMA/TDMA 3V POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2157 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2157 Datasheet HTML 1Page - RF Micro Devices RF2157 Datasheet HTML 2Page - RF Micro Devices RF2157 Datasheet HTML 3Page - RF Micro Devices RF2157 Datasheet HTML 4Page - RF Micro Devices RF2157 Datasheet HTML 5Page - RF Micro Devices RF2157 Datasheet HTML 6Page - RF Micro Devices RF2157 Datasheet HTML 7Page - RF Micro Devices RF2157 Datasheet HTML 8Page - RF Micro Devices RF2157 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-189
RF2157
Rev A19 010611
2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Power Supply Voltage
3.4
4.5
V
Idle Current
325
mA
VMODE≤ 0.5V
110
140
175
mA
VMODE=2.8V
VPD Current
7
9
mA
VCC=3.4V, VPD=2.8V, VMODE=2.8V
No RF input power applied.
Turn On/Off Time
100
ns
Total Current (Power Down)
10
µAV
PD ≤ 0.2 V
VPD Low Voltage
0
0.2
V
VPD High Voltage
2.7
2.8
2.9
V
MODE High Voltage
2.5
2.8
R1=1kΩ
MODE Low Voltage
0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com