Electronic Components Datasheet Search
  English  ▼

X  

RF2157 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2157
Description  PCS CDMA/TDMA 3V POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2157 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2157 Datasheet HTML 2Page - RF Micro Devices RF2157 Datasheet HTML 3Page - RF Micro Devices RF2157 Datasheet HTML 4Page - RF Micro Devices RF2157 Datasheet HTML 5Page - RF Micro Devices RF2157 Datasheet HTML 6Page - RF Micro Devices RF2157 Datasheet HTML 7Page - RF Micro Devices RF2157 Datasheet HTML 8Page - RF Micro Devices RF2157 Datasheet HTML 9Page - RF Micro Devices RF2157 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-194
RF2157
Rev A19 010611
2
Evaluation Board Schematic
US - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
C24
4.7 pF
C5
15 pF
RF IN
TL
4
C14 (pF)
C30 (pF)
C1 (pF)
L1 (nH)
2.2
10
4.7
12
CDMA (US)
Board
C1
4.7 pF
C14
2.2 pF
C3
15 pF
L1
12 nH
C7
1.5 pF
C4
15 pF
C28
10 nF
C2
4.7 uF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
CDMA (US)
Transmission
Line Length
TL
1
30-40 mils
150 mils
20-30 mils
TL
2
TL
3
200 mils
TL
4
C27
15 pF
R12
Jumper
P2-1
C26
1
µF
R1
1k
P2-2
L4
15 nH
C13
15 pF
R11
Jumper
C6
15 pF
P1-1
C30
9.1 pF
L2
8.2 nH
C8
10 nF
C25
1uF
TL
3
RF OUT
P1
1
2
P1-1
VCC
GND
P2
1
2
VMODE
P2-2
P2-1
VREG
2157400C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com