Electronic Components Datasheet Search
  English  ▼

X  

RF2161 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2161
Description  3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2161 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2161 Datasheet HTML 1Page - RF Micro Devices RF2161 Datasheet HTML 2Page - RF Micro Devices RF2161 Datasheet HTML 3Page - RF Micro Devices RF2161 Datasheet HTML 4Page - RF Micro Devices RF2161 Datasheet HTML 5Page - RF Micro Devices RF2161 Datasheet HTML 6Page - RF Micro Devices RF2161 Datasheet HTML 7Page - RF Micro Devices RF2161 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
2-199
RF2161
Rev A3 010514
2
Pin
Function
Description
Interface Schematic
1VCC2
Power supply for second stage and interstage match. Pins 1, 15 and 16
should be connected by a common trace where the pins contact the
printed circuit board.
2GND2
Ground for second stage. For best performance, keep traces physically
short and connect immediately to ground plane. This ground should be
isolated from the backside ground contact.
3VCC1
Power supply for first stage and interstage match. VCC should be fed
through a 1.2nH inductor terminated with a 8.2pF capacitor on the sup-
ply side. The inductor should be as close to the pin as possible.
See pin 4.
4RF IN
RF input. An external series capacitor is required as a DC block. The
input match can be improved to <2:1 by using a series capacitor and
shunt inductor.
5GND1
Ground for first stage. For best performance, keep traces physically
short and connect immediately to ground plane. This ground should be
isolated from the backside ground contact.
See pin 4.
6
VPD1
Power Down control for first and second stages. When this pin is “low”,
all first and second stage circuits are shut off. When this pin is 2.8V, all
first and second stage circuits operate normally. VPD1 requires a regu-
lated 2.8V for the amplifier to operate properly over all specified tem-
perature and voltage ranges. A dropping resistor from a higher
regulated voltage may be used to provide the required 2.8V.
7VMODE
VMODE adjusts the bias to the 2nd and 3rd stages. For full power oper-
ation, MODE is set low. When operating in a lower output power mode
(<+25dBm) this pin is set high to reduce bias current by up to 50%. An
external series resistor is optional to limit the amount of current
required. At low temperature (-30οC), it is recommended to set VMODE
low to maintain correct operation.
8
VPD2
Power Down control for third stage. When this pin is “low”, all and third
stage circuits are shut off. When this pin is 2.8V, all and third stage cir-
cuits operate normally. VPD requires a regulated 2.8V for the amplifier
to operate properly over all specified temperature and voltage ranges.
A dropping resistor from a higher regulated voltage may be used to pro-
vide the required 2.8V. A 15pF high frequency bypass capacitor is rec-
ommended.
9GND
For best performance, keep traces physically short and connect imme-
diately to ground plane. This ground should be isolated from the back-
side ground contact.
10
RF OUT
RF output and power supply for final stage. This is the unmatched col-
lector output of the third stage. A DC block is required following the
matching components. The biasing may be provided via a parallel L-C
set for resonance at the operating frequency of 1920MHz to 1980MHz.
It is important to select an inductor with very low DC resistance with a
1A current rating. Alternatively, shunt microstrip techniques are also
applicable and provide very low DC resistance. Low frequency bypass-
ing is required for stability.
11
RF OUT
Same as pin 10.
See pin 10.
12
RF OUT
Same as pin 10.
See pin 10.
13
2FO
Second harmonic trap. Keep traces physically short and connect imme-
diately to ground plane. This ground should be isolated from backside
ground contact.
14
VCC
Supply for bias reference and control circuits. High frequency bypass-
ing may be necessary.
15
VCC2
Same as Pin 1.
16
VCC2
Same as Pin 1.
GND1
RF IN
VCC1
From Bias
Stages
RF OUT
From Bias
Stages



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com