Electronic Components Datasheet Search
  English  ▼

X  

RF2161 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2161
Description  3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2161 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2161 Datasheet HTML 1Page - RF Micro Devices RF2161 Datasheet HTML 2Page - RF Micro Devices RF2161 Datasheet HTML 3Page - RF Micro Devices RF2161 Datasheet HTML 4Page - RF Micro Devices RF2161 Datasheet HTML 5Page - RF Micro Devices RF2161 Datasheet HTML 6Page - RF Micro Devices RF2161 Datasheet HTML 7Page - RF Micro Devices RF2161 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
2-202
RF2161
Rev A3 010514
2
Evaluation Board Schematic
W-CDMA (1920MHz to 1980MHz)
R2
L3
1.2 nH
C11
8.2 pF
C12
10 nF
C30
C8
10 nF
C6
15 pF
C5
15 pF
C27
15 pF
R1
1.8k
Ω
C13
15 pF
L4
15 nH
1
2
3
4
5
13
12
11
10
9
67
8
16
14
15
P2
P3
C1**
C14**
C3
15 pF
L1*
C4
15 pF
C26
10 nF
TL
2
TL
3
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
Board
R2 (
Ω)
C14 (pF)
C30 (pF)
C1 (pF)
L1 (nH)
WCDMA
150
2.2
8.2
4.7
16
WCDMA
0.044"
0.140"
0.022"
Transmission
Line Length
TL
1
TL
2
TL
3
TL
1
50
Ωµstrip
J2
RF OUT
50
Ωµstrip
J1
RF IN
P1
2161400-
C10
1uF
C7
1
µF
L2
10 nH
C2
4.7 uF
P3
VMODE
VREG
P2
VCC
P1
P4
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com