Electronic Components Datasheet Search
  English  ▼

X  

B43231 Datasheet(PDF) 16 Page - EPCOS

Part # B43231
Description  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43231 Datasheet(HTML) 16 Page - EPCOS

Back Button B43231 Datasheet HTML 12Page - EPCOS B43231 Datasheet HTML 13Page - EPCOS B43231 Datasheet HTML 14Page - EPCOS B43231 Datasheet HTML 15Page - EPCOS B43231 Datasheet HTML 16Page - EPCOS B43231 Datasheet HTML 17Page - EPCOS B43231 Datasheet HTML 18Page - EPCOS B43231 Datasheet HTML 19Page - EPCOS B43231 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
16 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
200
330
30
× 20
1.49
B43231C2337M000
390
22
× 30
1.54
B43231A2397M000
390
25.4
× 25
1.59
B43231B2397M000
390
30
× 25
1.74
B43231C2397M000
390
35
× 20
1.77
B43231D2397M000
470
22
× 35
1.79
B43231A2477M000
470
25.4
× 30
1.86
B43231B2477M000
470
30
× 25
1.90
B43231C2477M000
470
35
× 20
1.94
B43231D2477M000
560
22
× 40
2.06
B43231A2567M000
560
25.4
× 35
2.14
B43231B2567M000
560
30
× 25
2.08
B43231C2567M000
560
35
× 20
2.25
B43231D2567M000
680
22
× 45
2.38
B43231A2687M000
680
25.4
× 40
2.48
B43231B2687M000
680
30
× 30
2.43
B43231C2687M000
680
35
× 25
2.48
B43231D2687M000
820
22
× 50
2.73
B43231A2827M000
820
25.4
× 45
2.85
B43231B2827M000
820
30
× 35
2.81
B43231C2827M000
820
35
× 30
2.88
B43231D2827M000
1000
30
× 40
3.26
B43231A2108M000
1000
35
× 30
3.18
B43231B2108M000
1200
30
× 45
3.49
B43231A2128M000
1200
35
× 35
3.43
B43231B2128M000
1500
30
× 50
4.06
B43231A2158M000
1500
35
× 40
4.01
B43231B2158M000
1800
35
× 45
4.58
B43231A2188M000
250
150
22
× 25
0.90
B43231E2157M000
150
25.4
× 20
0.92
B43231F2157M000
180
22
× 25
0.90
B43231E2187M000
180
25.4
× 20
1.01
B43231F2187M000
220
22
× 25
1.09
B43231E2227M000
220
25.4
× 25
1.19
B43231F2227M000
220
30
× 20
1.22
B43231G2227M000
270
22
× 30
1.28
B43231E2277M000
270
25.4
× 25
1.32
B43231F2277M000
270
30
× 20
1.35
B43231G2277M000
330
22
× 35
1.50
B43231E2337M000
330
25.4
× 30
1.56
B43231F2337M000
330
30
× 25
1.60
B43231G2337M000
Technical data and ordering codes B43231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 16 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com