Electronic Components Datasheet Search
  English  ▼

X  

B43231 Datasheet(PDF) 18 Page - EPCOS

Part # B43231
Description  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43231 Datasheet(HTML) 18 Page - EPCOS

Back Button B43231 Datasheet HTML 14Page - EPCOS B43231 Datasheet HTML 15Page - EPCOS B43231 Datasheet HTML 16Page - EPCOS B43231 Datasheet HTML 17Page - EPCOS B43231 Datasheet HTML 18Page - EPCOS B43231 Datasheet HTML 19Page - EPCOS B43231 Datasheet HTML 20Page - EPCOS B43231 Datasheet HTML 21Page - EPCOS B43231 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
18 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
315
330
25.4
× 40
1.73
B43231B0337M000
330
30
× 35
1.78
B43231C0337M000
330
35
× 30
1.83
B43231D0337M000
390
25.4
× 45
1.97
B43231A0397M000
390
30
× 35
1.94
B43231B0397M000
390
35
× 30
1.99
B43231C0397M000
470
30
× 40
2.23
B43231A0477M000
470
35
× 35
2.29
B43231B0477M000
560
35
× 40
2.62
B43231A0567M000
680
35
× 45
3.01
B43231A0687M000
820
35
× 50
3.44
B43231A0827M000
350
82
22
× 20
0.62
B43231A4826M000
100
22
× 25
0.73
B43231A4107M000
100
25.4
× 20
0.75
B43231B4107M000
120
22
× 30
0.86
B43231A4127M000
120
25.4
× 25
0.88
B43231B4127M000
120
30
× 20
0.90
B43231C4127M000
150
22
× 35
1.01
B43231A4157M000
150
25.4
× 30
1.05
B43231B4157M000
150
30
× 20
1.01
B43231C4157M000
180
22
× 40
1.17
B43231A4187M000
180
25.4
× 35
1.21
B43231B4187M000
180
30
× 25
1.18
B43231C4187M000
180
35
× 20
1.20
B43231D4187M000
220
22
× 45
1.35
B43231A4227M000
220
25.4
× 35
1.34
B43231B4227M000
220
30
× 30
1.38
B43231C4227M000
220
35
× 25
1.41
B43231D4227M000
270
25.4
× 45
1.64
B43231A4277M000
270
30
× 35
1.61
B43231B4277M000
270
35
× 25
1.65
B43231C4277M000
330
25.4
× 50
1.89
B43231A4337M000
330
30
× 40
1.87
B43231B4337M000
330
35
× 30
1.83
B43231C4337M000
390
30
× 45
2.12
B43231A4397M000
390
35
× 35
2.09
B43231B4397M000
470
30
× 50
2.43
B43231A4477M000
470
35
× 40
2.40
B43231B4477M000
560
35
× 45
2.73
B43231A4567M000
680
35
× 50
3.13
B43231A4687M000
Technical data and ordering codes B43231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 18 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com