Electronic Components Datasheet Search
  English  ▼

X  

AC60S033 Datasheet(PDF) 4 Page - Intronics Power, Inc.

Part # AC60S033
Description  AC-DC Switching Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC60S033 Datasheet(HTML) 4 Page - Intronics Power, Inc.

  AC60S033 Datasheet HTML 1Page - Intronics Power, Inc. AC60S033 Datasheet HTML 2Page - Intronics Power, Inc. AC60S033 Datasheet HTML 3Page - Intronics Power, Inc. AC60S033 Datasheet HTML 4Page - Intronics Power, Inc. AC60S033 Datasheet HTML 5Page - Intronics Power, Inc. AC60S033 Datasheet HTML 6Page - Intronics Power, Inc. AC60S033 Datasheet HTML 7Page - Intronics Power, Inc. AC60S033 Datasheet HTML 8Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
1400 PROVIDENCE HIGHWAY • BUILDING 2
NORWOOD, MASSACHUSETTS 02062-5015
AC60 Single
Rev A January 2007
3. Technical Specifications
(All specifications are typical at nominal input, full load at 25℃ unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typical
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
90
264
Vac
Operating Temperature
0
+50
℃
Storage Temperature
-20
+85
℃
Input/Output Isolation Voltage
1 minute
4242
Vdc
INPUT CHARACTERISTICS
Operating Voltage Range
100
240
Vac
Input Frequency Range
47
63
Hz
Maximum Input Current
100% Load, Vin=90Vac
1.4
A
Leakage Current
3.5
mA
Inrush Current
Vin=264Vac, cold start at 250C.
50
A
OUTPUT CHARACTERISTIC
AC60S033
3.26
3.3
3.33
AC60S050
4.95
5.0
5.05
AC60S090
8.91
9.0
9.09
AC60S120
11.88
12.0
12.12
Output Voltage Set Point
Vin=Nominal Vin , Io=Io.max, Tc=25℃
AC60S150
14.85
15.0
15.15
Vdc
AC60S240
23.76
24.0
24.24
AC60S280
27.72
28.0
28.28
AC60S360
35.64
36.0
36.36
AC60S480
47.52
48.0
48.48
AC60S033
8
AC60S050
8
AC60S090
6.67
AC60S120
5
Operating Output Current Range
AC60S150
4
A
AC60S240
2.5
AC60S280
2
AC60S360
1.67
AC60S480
1.25
Holdup Time
Vin=115Vac
8
mS
Output Voltage Regulation
Load Regulation
10% load to Full load
±
1.0
%
Line Regulation
Vin=high line to low line
±
0.5
%
Output Voltage Ripple and Noise
Peak-to-Peak
ISOLATION CHARACTERISTICS
Input to Output
Input to Earth
Output to Earth
20MHz bandwidth
Full load, 0.1uF ceramic and
capacitor
1 minute
1 minute
1 minute
AC60S033
50
AC60S050
50
AC60S090
90
AC60S120
120
10uF E.L
AC60S150
150
mV
AC60S240
240
AC60S280
280
AC60S360
360
AC60S480
480
4242
Vdc
2121
Vdc
707
Vdc
Isolation Resistance
100
MΩ
FEATURE CHARACTERISTICS
Switching Frequency
60
KHz
GENERAL SPECIFICATIONS
MTBF
Weight
Io=100%of
Io.max;Ta=25
MIL-HDBK-217F
℃
per
TBD
M hours
0.175
Kg
Page 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com