Electronic Components Datasheet Search
  English  ▼

X  

AC60S033 Datasheet(PDF) 8 Page - Intronics Power, Inc.

Part # AC60S033
Description  AC-DC Switching Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC60S033 Datasheet(HTML) 8 Page - Intronics Power, Inc.

  AC60S033 Datasheet HTML 1Page - Intronics Power, Inc. AC60S033 Datasheet HTML 2Page - Intronics Power, Inc. AC60S033 Datasheet HTML 3Page - Intronics Power, Inc. AC60S033 Datasheet HTML 4Page - Intronics Power, Inc. AC60S033 Datasheet HTML 5Page - Intronics Power, Inc. AC60S033 Datasheet HTML 6Page - Intronics Power, Inc. AC60S033 Datasheet HTML 7Page - Intronics Power, Inc. AC60S033 Datasheet HTML 8Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
1400 PROVIDENCE HIGHWAY • BUILDING 2
NORWOOD, MASSACHUSETTS 02062-5015
AC60 Single
Rev A January 2007
8. Part Number
AC XX S XXX
AC SERIES
60:
Supply Max. Power
S:Single Output
•
033:Output Voltage3.3 VDC
•
050:Output Voltage 5.0 VDC
•
090:Output Voltage 9.0 VDC
•
120:Output Voltage 12 VDC
•
150:Output Voltage 15 VDC
•
240:Output Voltage 24 VDC
•
280:Output Voltage 28 VDC
•
360:Output Voltage 36 VDC
•
480:Output Voltage 48 VDC
Page 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com