Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2174 Datasheet HTML 2Page - RF Micro Devices RF2174 Datasheet HTML 3Page - RF Micro Devices RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices RF2174 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary
2-236
RF2174
Rev A6 010720
2
Theory of Operation and Application Information
TheRF2174isathree-stage devicewith 28dBgainat
full power. Therefore, the drive required to fully satu-
rate the output is +5 dBm. Based upon HBT (Hetero-
junction
Bipolar
Transistor)
technology,
the
part
requires only a single positive 3V supply to operate to
full specification. Power control is provided through a
single pin interface, with a separate Power Down con-
trol pin. The final stage ground is achieved through the
large pad in the middle of the backside of the package.
First and second stage grounds are brought out
through separate ground pins for isolation from the out-
put. These grounds should be connected directly with
vias to the PCB ground plane, and not connected with
the output ground to form a so called “local ground
plane” on the top layer of the PCB. The output is
brought out through the wide output pad, and forms the
RF output signal path.
The amplifier operates in near Class C bias mode. The
final stage is "deep AB", meaning the quiescent current
is very low. As the RF drive is increased, the final stage
self-biases, causing the bias point to shift up and, at
full power, draws about 1500mA. The optimum load for
the output stage is approximately 4.5
Ω. This is the load
at the output collector, and is created by the series
inductance formed by the output bond wires, vias, and
microstrip, and 2 shunt capacitors external to the part.
The optimum load impedance at the RF Output pad is
4.5 -j3.9
Ω. With this match, a 50Ω terminal impedance
is achieved. The input is internally matched to 50
with just a blocking capacitor needed. This data sheet
defines the configuration for GSM operation.
The input is DC coupled; thus, a blocking cap must be
inserted in series. Also, the first stage bias may be
adjusted by a resistive divider with high value resistors
on this pintoVPC and ground. For nominal operation,
however, no external adjustment is necessary as inter-
nal resistors set the bias point optimally.
When the device is driven at maximum input power self
biasing would occur. This results in less isolation than
one would expect, and the maximum output power
would be about -15 dBm. If the drive power to the PA is
turned on before the GSM ramp-up, higher isolation is
required. In order to meet the GSM system specs
under those conditions, a PIN diode attenuator con-
nected to the input can be turned on. The figure below
shows how the attenuator and its controls are con-
nected.
The current through the PIN diode is controlled by two
signals: AT_EN and APC. The AT_EN signal allows
current through the PIN diode and is an on/off function.
The APC signal controls the amount of current through
the PIN diode. Normally, the AT_EN signal will be
derived from the VCO ENABLE signal available in
most GSM handset designs. If maximum isolation is
needed before the ramp-up, the AT_EN signal needs to
be turned on before the RF power is applied to the
device input. The current into this pin is not critical, and
can be reduced to a few hundred micro amps with an
external series resistor. Without the resistor, the pin will
draw about 700
µA.
Because of the inverting stage at the APC input, the
current through the PIN diode is inverted from the APC
voltage. Thus, when VAPC is high for maximum output
power, the attenuator is turned off to obtain maximum
drive level for the first RF stage. When VAPC is low for
maximum isolation, the attenuator is be turned on to
reduce the drive level and to avoid self-biasing.
The PIN diode is dimensioned such that a low VAPC the
impedance of the diode is about 50 Ohm. Since the
input impedance of the first RF stage become very
high when the bias is turned off, this topology will main-
tain a good input impedance over the entire VAPC con-
trol range.
5k
750
500
2k
RF IN
AT_EN
APC
VCC
From Bias
Stages
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com