Electronic Components Datasheet Search
  English  ▼

X  

RF2174 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2174
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2174 Datasheet HTML 4Page - RF Micro Devices RF2174 Datasheet HTML 5Page - RF Micro Devices RF2174 Datasheet HTML 6Page - RF Micro Devices RF2174 Datasheet HTML 7Page - RF Micro Devices RF2174 Datasheet HTML 8Page - RF Micro Devices RF2174 Datasheet HTML 9Page - RF Micro Devices RF2174 Datasheet HTML 10Page - RF Micro Devices RF2174 Datasheet HTML 11Page - RF Micro Devices RF2174 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary
2-238
RF2174
Rev A6 010720
2
Application Schematic
Note: All capacitors are standard 0402 multi layer chip
Note 1: Using a hi-Q capacitor will increase efficiency slightly
33 pF
RF IN
15 pF
V
CC
V
CC
4.3 pF
Note 1
50
Ωµstrip
1.3 pF
Note 1
33 pF
RF OUT
Quarter wave
length
15 pF
V
CC
1.0 pF
1nF
12 pF
Very close
to
pin 15/16
V
CC
APC
15 pF
15 pF
1
16
15
14
13
2
3
4
9
8
7
6
5
12
11
10
Distance center to
center of capacitors
0.220"
Instead of a stripline,
an inductor of ~6 nH
canbeused
AT_EN
Distance between
edge of device and
capacitor is 0.240" to
improve the "off"
isolation
Distance between
edge of device and
capacitor is 0.080"
Instead of a stripline, an
inductor of 2.2 nH can
be used
15 pF
3.6 pF
1.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com