Electronic Components Datasheet Search
  English  ▼

X  

SC122 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 5 Page - Semtech Corporation

  SC122 Datasheet HTML 1Page - Semtech Corporation SC122 Datasheet HTML 2Page - Semtech Corporation SC122 Datasheet HTML 3Page - Semtech Corporation SC122 Datasheet HTML 4Page - Semtech Corporation SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC122
5
Typical Characteristics — V
OUT = 3.3V
Efficiency vs. I
OUT
0.1
0.2
0.5
1
2
5
10
20
50
100
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
L = 4.7μH, V
IN
= 1.2V
Efficiency vs. I
OUT
0.1
0.2
0.5
1
2
5
10
20
50
100
0
10
20
30
40
50
60
70
80
90
100
I
OUT
(mA)
L = 4.7μH, T
A
= 25
ο
C
V
IN
= 1.2V
V
IN
= 0.9V
V
IN
= 1.6V
T
A
= 25°C
T
A
= 70°C
T
A
= 0°C
Load Regulation
0
10
20
30
40
50
60
70
80
90
100
3.25
3.26
3.27
3.28
3.29
3.3
3.31
I
OUT
(mA)
L = 4.7μH, V
IN
= 1.2V
Load Regulation
0
10
20
30
40
50
60
70
80
90
100
3.25
3.26
3.27
3.28
3.29
3.3
3.31
I
OUT
(mA)
L = 4.7μH, T
A
= 25
ο
C
V
IN
= 1.2V
V
IN
= 1.6V
V
IN
= 0.9V
T
A
= 25°C
T
A
= 0°C
T
A
= 70°C
Line Regulation — High Load
0.7
1
1.3
1.6
3.25
3.26
3.27
3.28
3.29
3.3
3.31
V
IN
(V)
L = 4.7μH, I
OUT
= 45mA
Line Regulation — Low Load
0.7
1
1.3
1.6
3.25
3.26
3.27
3.28
3.29
3.3
3.31
V
IN
(V)
L = 4.7μH, I
OUT
= 1mA
T
A
= 0°C, 25°C, 70°C
T
A
= 0°C, 25°C, 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com