Electronic Components Datasheet Search
  English  ▼

X  

SC122 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation SC122 Datasheet HTML 10Page - Semtech Corporation SC122 Datasheet HTML 11Page - Semtech Corporation SC122 Datasheet HTML 12Page - Semtech Corporation SC122 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC122
10
Applications Information (continued)
A suggested very low duty cycle refresh oscillator circuit
is included on the SC122 EVB-RM, the SC122 Evaluation
Board with Refresh Modulation.
Regulator Startup, Short Circuit Protection,
and Current Limits
The SC122 permits power up at input voltages from 0.85V
to 1.6V. Startup current limiting of the internal switching
n-channel and p-channel FET power devices protects
them from damage in the event of a short between OUT
and GND. This protection prevents startup into an exces-
sive load.
At the beginning of the cycle, the p-channel FET between
the LX and OUT pins turns on with its current limited to
approximately 100mA, the short-circuit output current.
When V
OUT
approaches V
IN
(still below 1.7V), the n-channel
current limit is set to 350mA (the p-channel limit is dis-
abled), an internal oscillator turns on (approximately
200kHz), and a fixed 75% duty cycle PWM-type operation
begins. When the output voltage exceeds 1.7V, fixed fre-
quency PSAVE operation begins, with the duty cycle deter-
mined by an n-channel FET peak current limit of 350mA.
Note that startup with a regulated active load is not the
same as startup with a resistive load. The resistive load
output current increases proportionately as the output
voltage rises until it reaches V
OUT
/R
LOAD
, while a regulated
active load presents a constant load as the output voltage
rises from 0V to V
OUT
. Note also that if the load applied to
the output exceeds the startup current limit, the criterion
to advance to the next startup stage may not be achieved.
In this situation startup may pause at a reduced output
voltage until the load is reduced further.
Output Overload and Recovery
As the output load increases, the duration of each burst
increases, and the time between bursts decreases. The
output load reaches its maximum when the burst dura-
tion becomes indefinite (and the time between bursts
becomes zero). At this time, all the energy stored in the
inductor during the on-time portion of each burst cycle is
discharged into the output during off-time. The inductor
current reduces to zero just as the next on-time begins.
Above this critical maximum load, the output voltage will
decrease rapidly, and the startup current and switching
limits will be invoked in reverse order as the output
voltage falls through its various startup voltage thresh-
olds. How far the output voltage drops depends on the
load voltage vs. current characteristic.
A reduction in input voltage, such as a discharging
battery, will lower the load current at which overload
occurs. At the overload threshold, the energy stored in
the inductor at the end of each on-time is the same for all
V
IN
. But since the voltage increase above the input voltage
is greater, the available output current, I
OUT
= P/(V
OUT
- V
IN
),
must decrease.
When an overload has occurred, the load must be
decreased to permit recovery. The conditions required
for overload recovery are identical to those required for
successful initial startup.
Anti-ringing Circuitry
When both FET switches are simultaneously turned off,
an internal switch between the IN and LX pins is closed.
This provides a moderate resistance path across the
inductor to dampen the oscillations at the LX pin. This
effectively reduces EMI that can develop from the reso-
nant circuit formed by the inductor and the drain capaci-
tance at LX. The anti-ringing circuitry is disabled between
PSAVE bursts.
Inductor Selection
The inductance value primarily affects the amplitude of
inductor current ripple (
ΔI
L
). The inductor peak current
I
L-max
= I
L-avg
+
ΔI
L
/2, where I
L-avg
is the inductor current aver-
aged over a full on/off cycle, is subject to the n-channel
FET peak current limit I
LIM(N)
. The inductor average current
is equal to the output load current. Increasing inductance
reduces
ΔI
L
and therefore increases the maximum sup-
portable output current.
The performance plots of this datasheet were obtained
with L = 4.7μH. Larger values of inductance can provide
higher maximum output currents.
Any chosen inductor should have low DCR, compared to
the R
DS-ON
of the FET switches, to maintain efficiency. For
DCR << R
DS-ON
, further reduction in DCR will provide
diminishing benefit. The inductor I
SAT
value must exceed
I
LIM(N)
. The inductor self-resonant frequency should exceed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com