Electronic Components Datasheet Search
  English  ▼

X  

SC173EVB Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC173EVB Datasheet HTML 19Page - Semtech Corporation SC173EVB Datasheet HTML 20Page - Semtech Corporation SC173EVB Datasheet HTML 21Page - Semtech Corporation SC173EVB Datasheet HTML 22Page - Semtech Corporation SC173EVB Datasheet HTML 23Page - Semtech Corporation SC173EVB Datasheet HTML 24Page - Semtech Corporation SC173EVB Datasheet HTML 25Page - Semtech Corporation SC173EVB Datasheet HTML 26Page - Semtech Corporation SC173EVB Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
© 2010 Semtech Corporation
Typical Application Circuits
C18
68pF
R2
15k
C4
1uF/6.3V
VOUT+
C19
10n
R6
9.09k
R5
2.5k
R3
54.9k
FB
C5
10uF/6.3V
BST
VIN
LX
PGND
EN/PSV
TON
AGND
VDD
PGOOD
FB
C1
10uF/6.3V
VOUT-
R4
100k
C10
38p
VIN-
0
C6
22uF/6.3v
L1
2.0uH
0
0
R1
5.11Ohm
VIN+
0
SC173
Enable
FB
Application Circuit: Buck Converter with 1.2V out and 0 to 3A load current (Vin=3V to 5.5V)
C18
68pF
R2
15k
C4
1uF/6.3V
VOUT+
C19
10n
R6
51.1k
R5
3.48k
R3
80.6k
C5
10uF/6.3V
BST
VIN
LX
PGND
EN/PSV
TON
AGND
VDD
PGOOD
FB
C1
10uF/6.3V
VOUT-
R4
100k
C10
38p
VIN-
0
C6
22uF/6.3v
L1
2.0uH
0
0
R1
5.11Ohm
VIN+
0
SC173
FB
Enable
FB
C2
22uF/6.3v
Application Circuit: Buck Converter with 3.3V out and 0 to 3A load current (Vin=5V)
24
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com