Electronic Components Datasheet Search
  English  ▼

X  

SC173EVB Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC173EVB
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173EVB Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC173EVB Datasheet HTML 19Page - Semtech Corporation SC173EVB Datasheet HTML 20Page - Semtech Corporation SC173EVB Datasheet HTML 21Page - Semtech Corporation SC173EVB Datasheet HTML 22Page - Semtech Corporation SC173EVB Datasheet HTML 23Page - Semtech Corporation SC173EVB Datasheet HTML 24Page - Semtech Corporation SC173EVB Datasheet HTML 25Page - Semtech Corporation SC173EVB Datasheet HTML 26Page - Semtech Corporation SC173EVB Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
© 2010 Semtech Corporation
Outline Drawing - MLPD-10 3x3
NOTES:
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS TERMINALS.
2.
1.
.003
.008
10
.010
-
.000
.031
(.008)
0.08
0.25
10
.012 0.20
.039
-
.002
-
0.00
0.80
0.30
-
0.05
1.00
(0.20)
.004
0.10
0.50 BSC
.020 BSC
0.45
.018
.022
.020
0.50 0.55
aaa C
SEATING
PLANE
A
bbb
C A B
B
e
C
.114 .118 .122 2.90 3.00 3.10
-
-
-
-
(LASER MARK)
INDICATOR
PIN 1
1
N
2
MIN
aaa
bbb
b
e
L
N
D
E1
A1
A2
A
DIM
MILLIMETERS
NOM
DIMENSIONS
MAX
NOM
INCHES
MIN
MAX
.057 .059 .061 1.45 1.50 1.55
D
E
A1
A2
D/2
D1
.087 .089 .091 2.20 2.25 2.30
E
.114 .118 .122 2.90 3.00 3.10
A
D1
E1
E/2
bxN
LxN
25
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com