Electronic Components Datasheet Search
  English  ▼

X  

SC185 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC185
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC185 Datasheet HTML 3Page - Semtech Corporation SC185 Datasheet HTML 4Page - Semtech Corporation SC185 Datasheet HTML 5Page - Semtech Corporation SC185 Datasheet HTML 6Page - Semtech Corporation SC185 Datasheet HTML 7Page - Semtech Corporation SC185 Datasheet HTML 8Page - Semtech Corporation SC185 Datasheet HTML 9Page - Semtech Corporation SC185 Datasheet HTML 10Page - Semtech Corporation SC185 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC185
© 2010 Semtech Corp.
Typical Characteristics
Efficiency (Forced PWM)
Efficiency (PSAVE Enabled)
Total Loss (Forced PWM)
Circuit Conditions: C
IN= 22uF/6.3V, COUT= 2 x 22uF/6.3V, CSS= 10nF. Unless otherwise noted, L= 1.0uH (TOKO: FDV0530S-1R0).
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
VIN=5.0V;VOUT=3.3V
TA= 25°C
VIN=5.0V;VOUT=1.5V
VIN=3.3V;VOUT=1.5V
Load Regulation (Forced PWM)
R
DS(ON) Variation vs. Input Voltage
R
DS(ON) Variation vs. Temperature
RDSON (P & N) Variation over Line
-10%
-5%
0%
5%
10%
15%
20%
25%
30%
35%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
ILX= ±100mA
TA= 25°C
N-Channel
P-Channel
RDSON (P & N) Variation Over Temperature
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
-40
-15
10
35
60
85
Ambient Temperature (°C)
VIN= 5.0V
ILX= ±100mA
N-Channel
P-Channel
Total Loss
0
400
800
1200
1600
2000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
TA=25°C
VIN=5.0V;VOUT=3.3V
VIN=5.0V;VOUT=1.5V
VIN=3.3V;VOUT=1.5V
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.1
1.0
10.0
Output Current (A)
TA = 25oC
Vin = 5V, Vout = 3.3V
Vin = 3.3V, Vout = 1.5V
Vin = 5V, Vout = 1.5V
-0.60%
-0.50%
-0.40%
-0.30%
-0.20%
-0.10%
0.00%
0.10%
0.20%
0.30%
0.40%
0.50%
0.60%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output current (A)
Vin = 5.0V, Vout = 3.3V
TA = 25oC
Vin = 3.3V, Vout = 1.5V
Vin = 5V, Vout = 1.5V
www.semtech.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com