Electronic Components Datasheet Search
  English  ▼

X  

SC185 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC185
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185 Datasheet(HTML) 1 Page - Semtech Corporation

  SC185 Datasheet HTML 1Page - Semtech Corporation SC185 Datasheet HTML 2Page - Semtech Corporation SC185 Datasheet HTML 3Page - Semtech Corporation SC185 Datasheet HTML 4Page - Semtech Corporation SC185 Datasheet HTML 5Page - Semtech Corporation SC185 Datasheet HTML 6Page - Semtech Corporation SC185 Datasheet HTML 7Page - Semtech Corporation SC185 Datasheet HTML 8Page - Semtech Corporation SC185 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
June 18, 2010
4A Synchronous
Step-Down Regulator
SC185
Features
V
IN Range: 2.9 – 5.5V
V
OUT Options: 1.0V to 3.3V
Up to 4A Output Current
Ultra-Small Footprint, <1mm Height Solution
1.5MHz Switching Frequency
Optional Power Save Mode Operation
Efficiency Up to 95%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1µA Shutdown Current
Externally Programmable Soft Start Time
Power Good indicator
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
3mm x 3mm x 0.6mm thermally enhanced
MLPQ-UT16 package
-40 to +85°C Temperature Range
Pb-free, Halogen free, and RoHS/WEEE compliant
Applications
Desktop Computing
Set-Top Box
LCD TV
Network Cards
Printer
Description
The SC185 is a 4A synchronous step-down regulator
designed to operate with an input voltage range of
2.9V to 5.5V. The device requires only three external
filter components for a complete a step down regulator
solution. The output voltage is factory predetermined
with an available range of 1.0V to 3.3V.
The SC185 is optimized for maximum efficiency over a
wide range of load currents. During full load operation,
the SC185 operates in PWM mode with fixed 1.5MHz
oscillator frequency, allowing the use of small surface
mount external components. As the load decreases, the
regulator has the option to transition into Power Save
mode maintaining high efficiency or stay in forced PWM
mode operation.
The SC185 offers output short circuit and thermal
protection to safe guard the device under extreme
operating conditions. The enable pin provides on/off
control of the regulator. When connected to logic
low, the device enters shutdown and consumes less
than 1uA of current. Other protection features include
programmable soft start with Power Good indicator, over
voltage protection and under voltage lockout.
The SC185 is available in a thermally-enhanced, 3mm
x 3mm x 0.6mm MLPQ-UT16 package and has a rated
temperature range of -40 to +85°C.
Typical Application Circuit
PGOOD
PGND
AVIN
CIN
22µF
VIN
LX
VOUT
Enable
SC185H
PVIN
EN
AGND
MODE
VOUT
1.5V
COUT
47µF
L, 1.0µH
Mode
PGOOD
CSS
SS
Fixed VOUT version
C1
0.1µF
R1
1
1,2
4
3
11,12,13,T
10
14,15,16
7
6
5
9
www.semtech.com
1


Similar Part No. - SC185

ManufacturerPart #DatasheetDescription
logo
France Joint
SC185X210X13 FRANCEJOINT-SC185X210X13 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC185

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
4A step-down switching regulator with synchronous rectification
08-Aug-2006
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com