Electronic Components Datasheet Search
  English  ▼

X  

SC185HEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC185HEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185HEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC185HEVB Datasheet HTML 2Page - Semtech Corporation SC185HEVB Datasheet HTML 3Page - Semtech Corporation SC185HEVB Datasheet HTML 4Page - Semtech Corporation SC185HEVB Datasheet HTML 5Page - Semtech Corporation SC185HEVB Datasheet HTML 6Page - Semtech Corporation SC185HEVB Datasheet HTML 7Page - Semtech Corporation SC185HEVB Datasheet HTML 8Page - Semtech Corporation SC185HEVB Datasheet HTML 9Page - Semtech Corporation SC185HEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SC185
© 2010 Semtech Corp.
Block Diagram
10
+
-
PWM
-
+
+
9
6
0.5V
BANDGAP
Control Logic
&
MOSFET Drivers
Power Good
Logic & Delay
7
+
-
0.45V
1
2
14
15
16
11
12
13
Faults
4
5
3
Oscillator
& Ramp
AVIN
PGOOD
AGND
VOUT
SS
EN
MODE
PGND
LX
PVIN
Error Amp.
PWM Comp.
PGood Comp.
UVLO
5µA
Faults
+
-
0.575V
OVP Comp.
www.semtech.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com